Part Number Hot Search : 
A6393 V30218S SSM3K 8ETVRA LT691 C032MR 80011A 85462
Product Description
Full Text Search
 

To Download L2SC4083NWT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LRC
LESHAN RADIO COMPANY,LTD.
High-Frequency Amplifier Transistor
L2SC4083NWT1
3 COLLECTOR
3
1 BASE
1
2 EMITTER
2
SC-70/SOT-323
Absolute maximum ratings (Ta=25 oC)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Limits 20 11 3 50 0.2 150 - 55~+150 Unit V V V mA W
o o
C C
Driver Marking
L2SC4083NWT1=4N
Electrical characteristics (Ta=25 oC)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Transition frequency Output capacitance Collector-base time constant Noise factor Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob rbb'*Cc NF 56 1.4 3.2 0.8 Min. 20 11 3 0.5 0.5 0.5 120 1.5 Typ. Max. Unit V V V uA uA V GHz pF IC = 10 A IC = 1mA IE = 10 A VCB = 10V VEB = 2V IC/IB = 10mA/5mA VCE/IC = 10V/5mA VCB = 10V , IC = 10mA , f = 500MHz VCB = 10V , IE = 0A , f = 1MHz VCB = 10V , IC = 10mA , f = 31.8MHz VCE = 6V , IC = 2mA , f = 500MHz , Rg = 50 Conditions
4
3.5
12
ps
dB
1/2
LRC
LESHAN RADIO COMPANY,LTD.
L2SC4083NWT1
SC-70 / SOT-323
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
A L
3
DIM A B C D G H J K L N S
INCHES MILLIMETERS MIN MA X MIN MA X
0.071 0.045 0.032 0.012 0.047 0.000 0.004 0.017 REF 0.026 BSC 0.028 REF 0.079 0.095 0.087 0.053 0.040 0.016 0.055 0.004 0.010 1.80 1.15 0.80 0.30 1.20 0.00 0.10 2.20 1.35 1.00 0.40 1.40 0.10 0.25
S
1 2
B
D G
0.425 REF 0.650 BSC 0.700 REF 2.00 2.40
C 0.05 (0.002)
N K
J
H
PIN 1. BASE
2. EMITTER 3. COLLECTOR
0.025 0.65
0.025 0.65
0.075 1.9 0.035 0.9 0.028 0.7 inches mm
2/2


▲Up To Search▲   

 
Price & Availability of L2SC4083NWT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X